PART |
Description |
Maker |
AD736BRZ AD736BRZ-R7 AD736BRZ-RL AD736-EVALZ AD736 |
Low Cost, Low Power, True RMS-to-DC Converter
|
Analog Devices
|
MAX3222 MAX3222CAP MAX3222CPN MAX3222CUP MAX3222CW |
3.0V to 5.5V, Low-Power, Up to 1Mbps, True RS-232 Transceivers Using Four 0.1µF External Capacitors 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1uF External Capacitors 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1F External Capacitors 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1μF External Capacitors 3.0V to 5.5V Low-Power up to 1Mbps True RS-232 Transceivers Using Four 0.1F External Capacitors 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1µF External Capacitors 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1レF External Capacitors 3.0V to 5.5V / Low-Power / up to 1Mbps / True RS-232 Transceivers Using Four 0.1F External Capacitors DUAL LINE TRANSCEIVER, PDSO20
|
MAXIM - Dallas Semiconductor http:// Maixm MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
MAX5360 MAX5360LEUK MAX5360MEUK MAX5360NEUK MAX536 |
4 V,low-cost, low-power, 6-bit DAC with 2-wire serial interface Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package 低成本,低功耗,6位DAC,带线串行接口,采用SOT23封装 Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package SERIAL INPUT LOADING, 20 us SETTLING TIME, 6-BIT DAC, PDSO5 Low-Cost / Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package Low-Cost Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package 2 V,low-cost, low-power, 6-bit DAC with 2-wire serial interface
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AD636KDZ AD636KHZ AD636JDZ AD636JHZ |
Low Level, True RMS-to-DC Converter
|
Analog Devices
|
MAX6001 MAX6001EUR-T MAX6002 MAX6002EUR-T MAX6003 |
Low-Cost Low-Power Low-Dropout SOT23-3 Voltage References " Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References" Low-Cost / Low-Power / Low-Dropout / SOT23-3 Voltage References Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Metal; Series:MS3106E; Number of Contacts:3; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
ADDAC80 ADDAC87CBI-I ADDAC87CBI-V ADDAC85MILCBII8 |
Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85C Complete Low Cost Hybrid 12-Bit D/A Converter 0to 70C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85°C Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125°C From old datasheet system IC,D/A CONVERTER,SINGLE Complete low cost, linearity error /- 1/2 LBS, binary input
|
Analog Devices adi
|
5962F9584501VYC 5962H9584501VYC 5962R9584501VYC 59 |
2-Wire, Serial, 8-Bit DACs with Rail-to-Rail Outputs 5-Pin, Multiple-Input, Programmable Reset ICs Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 Low-Cost, Voltage-Output, 16-Bit DACs in µMAX 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23 Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX x8的SRAM x8 SRAM x8的SRAM
|
Analog Devices, Inc. California Micro Devices Corporation
|
AD8129 AD8130 AD8129ARM-REEL72 AD8130ARM-REEL72 AD |
Low-Cost 200MHz Differential Receiver Amplifier IC,DIFFERENTIAL AMPLIFIER,SINGLE,SOP,8PIN,PLASTIC From old datasheet system Low-Cost High-Speed Differential Receiver and Driver Low-Cost 270 MHz Differential Receiver Amplifiers 低成70 MHz的差分接收器放大 Low-Cost 270 MHz Differential Receiver Amplifiers SPECIALTY ANALOG CIRCUIT, PDSO8
|
AD[Analog Devices] adi Analog Devices, Inc.
|
ISL12057IRUZ-T ISL12057IUZ |
Low Cost and Low Power I<sup>2</sup>C RTC Real Time Clock/Calendar Low Power and Low Cost RTC with Alarm Function and Dual IRQ pins; 8-uTDFN; Ind Temp REAL TIME CLOCK, PDSO8 Low Cost and Low Power I<sup>2</sup>C RTC Real Time Clock/Calendar Low Power and Low Cost RTC with Alarm Function and Dual IRQ pins; 8-MSOP; Ind Temp REAL TIME CLOCK, PDSO8
|
Intersil, Corp.
|
5962-9458501HYC 5962-9458501HYA 5962-9458502HNC 59 |
Single/Dual/Quad, Low-Cost, UCSP/SOT23, Low-Power, Rail-to-Rail I/O Op Amps x32 EEPROM Module Current-Regulating Hot-Swap Controller with DualSpeed/BiLevel Fault Protection Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown 16 x 16 Nonblocking Video Crosspoint Switch with On-Screen Display Insertion and I/O Buffers ADSL Drivers/Receivers for Customer Premise Equipment Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output Low-Cost, 3V/ 5V, 620µA, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs 1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown X32号的EEPROM模块 High-Speed, Low-Power, Single-Supply Multichannel, Video Multiplexer-Amplifiers X32号的EEPROM模块
|
Brady, Corp. Chicago Miniature Lighting, LLC
|
RL78 |
True Low Power Platform (as low as 66 ?A/MHz, and 0.60 ?A for RTC LVD), 1.6 V to 5.5 V operation
|
Renesas Electronics Corporation
|
|